PART |
Description |
Maker |
LP2950CZ-3.3RA LP2950CZ-5.0RP LP2950ACZ-5.0RA LP29 |
100mA, 3.3V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 1000 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator- Pb Free Device; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 CONNECTOR ACCESSORY 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 Micropower Voltage Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 128 x 128 pixel format, LED or EL Backlight available 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 Micropower Voltage Regulators 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 3V Output, Low Power Low Dropout Voltage Regulator with Error Flag output; ; Pb Free Device; Package: Micro8™; No of Pins: 8; Container: Tape and Reel; Qty per Container: 4000
|
ON Semiconductor
|
3-28-109 3-05-109 3-10-109 3-08-109 3-04-109 3-03- |
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset Fixed Attenuators 18325 GHz 固定衰减18325千兆 33000 MHz - 50000 MHz RF/MICROWAVE FIXED ATTENUATOR 40000 MHz - 60000 MHz RF/MICROWAVE FIXED ATTENUATOR 18000 MHz - 26500 MHz RF/MICROWAVE FIXED ATTENUATOR 220000 MHz - 325000 MHz RF/MICROWAVE FIXED ATTENUATOR
|
TE Connectivity, Ltd.
|
MC79L15ABD MC79L15ABP MC79L15CP MC79L00 MC79L00ACP |
From old datasheet system THREE-TERMINAL LOW CURRENT NEGATIVE FIXED VOLTAGE REGULATORS 12 V FIXED NEGATIVE REGULATOR, PDSO8 THREE-TERMINAL LOW CURRENT NEGATIVE FIXED VOLTAGE REGULATORS 18 V FIXED NEGATIVE REGULATOR, PDSO8 THREE-TERMINAL LOW CURRENT NEGATIVE FIXED VOLTAGE REGULATORS 12 V FIXED NEGATIVE REGULATOR, PBCY3 COVER, PSU; Length / Height, external:42.1mm; Width, external:96.5mm; Depth, external:172.7mm; Material:Aluminium; Series:HUL RoHS Compliant: Yes 5 V FIXED NEGATIVE REGULATOR, PBCY3
|
MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] ON Semiconductor Motorola Mobility Holdings, Inc.
|
OM3909SC OM3901SC OM3902SC OM3903SC OM3904SC OM390 |
Hi-Rel Fixed Voltage Dual Regulator DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWING SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 高可靠性的固定电压双调 Dual Output Voltages, 1.5 Amp Fixed Voltage Regulators(双输出电( 15V,-12V) 1.5A固定稳压 双输出电压,1.5安培固定稳压器(双输出电压(15V的,- 12V的)1.5A的固定稳压器
|
List of Unclassifed Man... ETC[ETC] List of Unclassifed Manufacturers International Rectifier, Corp.
|
1514 1514-22.5Y 1514-135Y 1514-2.5A 1514-130D 1514 |
Delay 50 /-2.5 ns, fixed SIP delay line Td/Tr=5 Delay 60 /-3 ns, fixed SIP delay line Td/Tr=5 Delay 45 /-2.3 ns, fixed SIP delay line Td/Tr=5 Delay 40 /-2 ns, fixed SIP delay line Td/Tr=5 Delay 270 /-13.5 ns, fixed SIP delay line Td/Tr=5 Delay 25 /-1.3 ns, fixed SIP delay line Td/Tr=5 Delay 170 /-8.5 ns, fixed SIP delay line Td/Tr=5 Delay 120 /-6 ns, fixed SIP delay line Td/Tr=5 Delay 10 /-1 ns, fixed SIP delay line Td/Tr=5 Delay 90 /-4.5 ns, fixed SIP delay line Td/Tr=5 Delay 70 /-3.5 ns, fixed SIP delay line Td/Tr=5 Delay 130 /-6.5 ns, fixed SIP delay line Td/Tr=5 Delay 135 /-6.8 ns, fixed SIP delay line Td/Tr=5 PASSIVE DELAY LINE, TRUE OUTPUT, PSIP4 Fixed passive SIP delay line Delay 2.5 /-1 ns, fixed SIP delay line Td/Tr=5 Delay 3.5 /-1 ns, fixed SIP delay line Td/Tr=5 Delay 100 /-5 ns, fixed SIP delay line Td/Tr=5 Delay 105 /-5.3 ns, fixed SIP delay line Td/Tr=5 Delay 140 /-7 ns, fixed SIP delay line Td/Tr=5 Delay 150 /-7.5 ns, fixed SIP delay line Td/Tr=5 Delay 15 /-1 ns, fixed SIP delay line Td/Tr=5 Delay 20 /-1 ns, fixed SIP delay line Td/Tr=5 Delay 22.5 /-1.2 ns, fixed SIP delay line Td/Tr=5 Delay 30 /-1.5 ns, fixed SIP delay line Td/Tr=5 Delay 37.5 /-1.9 ns, fixed SIP delay line Td/Tr=5 Delay 80 /-4 ns, fixed SIP delay line Td/Tr=5 Delay 7.5 /-1 ns, fixed SIP delay line Td/Tr=5
|
DATA DELAY DEVICES INC
|
MIC37101-1.5BM MIC37101-1.5YM MIC37101-1.65BM MIC3 |
1.65 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8 1A LOW VOLTAGE U CAP LDO REGULATOR 1.8 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO4 1A LOW VOLTAGE U CAP LDO REGULATOR 1.65 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO4 1A LOW VOLTAGE U CAP LDO REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO4 1A LOW VOLTAGE U CAP LDO REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8 1A LOW VOLTAGE U CAP LDO REGULATOR 1.8 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8 FPGA 1600000 SYSTEM GATE 1.8 VOLT - NOT RECOMMENDED for NEW DESIGN ; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
MC3363DW MC3363 ON1073 |
Single Output LDO, 400mA, Fixed(2.5V), Low Noise, Fast Transient Response 5-SOT-23 -40 to 85 LOW POWER DUAL CONVERSION FM RECEIVER From old datasheet system
|
Motorola, Inc. ON Semi MOTOROLA[Motorola, Inc]
|
LP2950CZ-3.0G LP2950ACZ-3.0RA LP2950CZ-3.3G LP2950 |
100 mA, Low Power Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100 mA, Low Power Low Dropout Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100 mA, Low Power Low Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100 mA, Low Power Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3
|
ON Semiconductor
|
LT1587CM-1.5 LT1587-1.5 LT1587CT-1.5 LT1587CM-1.5T |
7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed; Package: DD PAK; No of Pins: 3; Temperature Range: 0°C to 70°C Fixed 1.5V, 3A Low Dropout Fast Response GTL Regulator Fixed 1.5V, 3A Low Dropout Fast Response GTL Regulator
|
LINEAR TECHNOLOGY CORP
|
MAX6037BAUK12T MAX6037BAUK21T MAX6037CAUK21T MAX60 |
Low-Power, Fixed and Adjustable Reference with Shutdown in SOT23
|
Maxim Integrated Products
|
TLE4270 TLE4270D TLE4270G TLE4270S Q67000-A9209-A8 |
CAP CER DISC 1500PF 2KV 10% RAD 5-V Low-Drop Fixed Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSFM5 5-V Low-Drop Fixed Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO5 CAP CER DISC 180PF 2KV 10% RAD 5 - V低拖放固定稳压器 5-V Low-Drop Fixed Voltage Regulator 5 - V低拖放固定稳压器
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
|